Part Number Hot Search : 
P80NF5 NDV4916E D84DM2 D74LV BH7601FS MC1906L ISL43410 CH430
Product Description
Full Text Search
 

To Download SMCJ50C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMCJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
VOLTAGE RANGE FEATURES
* For surface mount application * Built-in strain relief * Excellent clamping capability * Low profile package * Fast response time: Typically less than 1.0ps from 0 volt to BV min. * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 260 C / 10 seconds at terminals
5.0 to 170 Volts 1500 Watts Peak Power
DO-214AB
.124(3.15) .108(2.75)
.245(6.22) .220(5.59)
.280(7.11) .260(6.60) .012(0.31) .006(0.15) .103(2.62) .079(2.00) .050(1.27) .030(0.76) .008 MAX. (.203) .320(8.13) .305(7.75)
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end except Bidirectional * Mounting position: Any * Weight: 0.21 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATINGS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1) Peak Forward Surge Current at 8.3ms Single Half Sine-Wave superimposed on rated load (JEDEC method) (NOTE 3) Maximum Instantenous Forward Voltage at 35.0A for Unidirectional only Operating and Storage Temperature Range
SYMBOL
PPK IFSM VF TJ, TSTG
VALUE
Minimum 1500 100 3.5 -55 to +150
UNITS
Watts Amps Volts C
NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2. 2 2. Mounted on Copper Pad area of 8.0mm (.013mm Thick) to each terminal. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types SMCJ5.0 thru SMCJ170. 2. Electrical characteristics apply in both directions.
252
RATING AND CHARACTERISTIC CURVES (SMCJ SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
Non-Repetitive Pulse Waveform Shown in Fig. 3 TA=25 C 10 PEAK PULSE POWER(P PP) OR CURRENT(IPP) DERATING IN PERCENTAGE 100 100
FIG.2-PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, KW
75
50
1.0
5.0mm COPPER PAD AREAS
2
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
0
0
25
50
75
100
125
150
175
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE ( C)
FIG.3-PULSE WAVE FORM
150 IPPM, PEAK PULSE CURRENT, %
tf=10s Peak Value IPPM TA=25 C Pulse Width (td) is defined as the point where the Peak Current Deacys to 50% of Ipp 10,000
FIG.4-TYPICAL JUNCTION CAPACITANCE
TJ=25 C f=1.0MHz Vsig=50mVp-p Measued at Zero Bias 2,000
5,000
100
Half Value-IPPM 2 10/1000sec Waveform as Defined by R.E.A.
1,000
CJ, CAPACITANCE, pF
50
500 Measured at Stand-Off Voltage(VMW)
td
e-kt
0
0
1.0
2.0
3.0
4.0
200
t, TIME, ms
100
FIG.5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100 80 TJ=TJmax 8.3ms Single Half Sine-wave JEDEC Method
50
20
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
60
10 1.0
2.0
5.0
10
20
50
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
40
20
10
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
253
1500 Watt Surface Mount TVS
PART NUMBER REVERSE BREAKDOWN BREAKDOWN TEST ADD C FOR BI- STAND-OFF VOLTAGE VOLTAGE CURRENT DIRECTIONAL VOLTAGE VBR (V) VBR (V) IT See Note 1 VRWM (V) MIN. @IT MAX. @IT (mA) SMCJ5.0(C) 5.0 6.40 7.55 10 SMCJ5.0(C)A 5.0 6.40 7.25 10 SMCJ6.0(C) 6.0 6.67 8.45 10 SMCJ6.0(C)A 6.0 6.67 7.67 10 SMCJ6.5(C) 6.5 7.22 9.14 10 SMCJ6.5(C)A 6.5 7.22 8.30 10 SMCJ7.0(C) 7.0 7.78 9.86 10 SMCJ7.0(C)A 7.0 7.78 8.95 10 SMCJ7.5(C) 7.5 8.33 10.67 1 SMCJ5.0(C)A 7.5 8.33 9.58 1 SMCJ8.0(C) 8.0 8.89 11.30 1 SMCJ8.0(C)A 8.0 8.89 10.23 1 SMCJ8.5(C) 8.5 9.44 11.92 1 SMCJ8.5(C)A 8.5 9.44 10.82 1 SMCJ9.0(C) 9.0 10.0 12.60 1 SMCJ9.0(C)A 9.0 10.0 11.50 1 SMCJ10(C) 10 11.1 14.10 1 SMCJ10(C)A 10 11.1 12.80 1 SMCJ11(C) 11 12.2 15.40 1 SMCJ11(C)A 11 12.2 14.00 1 SMCJ12(C) 12 13.3 16.90 1 SMCJ12(C)A 12 13.3 15.30 1 SMCJ13(C) 13 14.4 18.20 1 SMCJ13(C)A 13 14.4 16.50 1 SMCJ14(C) 14 15.6 19.80 1 SMCJ14(C)A 14 15.6 17.90 1 SMCJ15(C) 15 16.7 21.10 1 SMCJ15(C)A 15 16.7 19.20 1 SMCJ16(C) 16 17.8 22.60 1 SMCJ16(C)A 16 17.8 20.50 1 SMCJ17(C) 17 18.9 23.90 1 SMCJ17(C)A 17 18.9 21.70 1 SMCJ18(C) 18 20.0 25.30 1 SMCJ18(C)A 18 20.0 23.30 1 SMCJ20(C) 20 22.2 28.10 1 SMCJ20(C)A 20 22.2 25.50 1 SMCJ22(C) 22 24.4 30.90 1 SMCJ22(C)A 22 24.4 28.00 1 SMCJ24(C) 24 26.7 33.80 1 SMCJ24(C)A 24 26.7 30.70 1 SMCJ26(C) 26 28.9 36.60 1 SMCJ26(C)A 26 28.9 33.20 1 SMCJ28(C) 28 31.1 39.40 1 SMCJ28(C)A 28 31.1 35.80 1 SMCJ30(C) 30 33.3 42.20 1 SMCJ30(C)A 30 33.3 38.30 1 SMCJ33(C) 33 36.7 46.50 1 SMBJ33(C)A 33 36.7 42.20 1 SMCJ36(C) 36 40.0 50.70 1 SMCJ36(C)A 36 40.0 46.00 1 SMCJ40(C) 40 44.4 56.30 1 SMCJ40(C)A 40 44.4 51.10 1 SMCJ43(C) 43 47.8 60.50 1 SMCJ43(C)A 43 47.8 54.90 1 SMCJ45(C) 45 50.0 63.30 1 SMCJ45(C)A 45 50.0 57.50 1 SMCJ48(C) 48 53.3 67.50 1 SMCJ48(C)A 48 53.3 61.30 1 SMCJ51(C) 51 56.7 71.80 1 SMCJ51(C)A 51 56.7 65.20 1 SMCJ54(C) 54 60.0 76.00 1 SMCJ54(C)A 54 60.0 69.00 1 SMCJ58(C) 58 64.4 81.60 1 SMCJ58(C)A 58 64.4 74.10 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6
PEAK REVERSE MARKING PULSE LEAKAGE CODE CURRENT @ VRWM Ipp (A) IR(A) UNI BI 156.2 1000 BDD GDD 163.0 1000 BDE GDE 131.6 1000 BDF GDF 145.6 1000 BDG GDG 122.0 500 BDH GDH 133.9 500 BDK GDK 112.8 200 BDL GDL 125.0 200 BDM GDM 104.9 100 BDN GDN 116.3 100 BDP GDP 100.0 50 BDQ GDQ 110.3 50 BDR GDR 94.3 25 BDS GDS 104.2 20 BDT GDT 88.7 10 BDU GDU 97.4 10 BDV GDV 79.8 5 BDW GDW 88.2 5 BDX GDX 74.6 5 BDY GDY 82.4 5 BDZ GDZ 68.2 5 BED GED 75.3 5 BEE GEE 63.0 5 BEF GEF 69.7 5 BEG GEG 58.1 5 BEH GEH 64.7 5 BEK GEK 55.8 5 BEL GEL 61.5 5 BEM GEM 52.1 5 BEN GEN 57.7 5 BEP GEP 49.2 5 BEQ GEQ 53.3 5 BER GER 46.6 5 BES GES 51.4 5 BET GET 41.9 5 BEU GEU 46.3 5 BEV GEV 38.1 5 BEW GEW 42.2 5 BEX GEX 34.9 5 BEY GEY 38.6 5 BEZ GEZ 32.2 5 BFD GFD 35.6 5 BFE GFE 30.0 5 BFF GFF 33.0 5 BFG GFG 28.0 5 BFH GFH 31.0 5 BFK GFK 25.2 5 BFL GFL 28.1 5 BFM GFM 23.3 5 BFN GFN 25.8 5 BFP GFP 21.0 5 BFQ GFQ 23.2 5 BFR GFR 19.6 5 BFS GFS 21.6 5 BFT GFT 18.7 5 BFU GFU 20.6 5 BFV GFV 17.5 5 BFW GFW 19.4 5 BFX GFX 16.5 5 BFY GFY 18.2 5 BFZ GFZ 15.6 5 BGD GGD 17.2 5 BGE GGE 14.6 5 BGF GGF 16.0 5 BGG GGG
264
1500 Watt Surface Mount TVS
PART NUMBER REVERSE BREAKDOWN BREAKDOWN TEST ADD C FOR BI- STAND-OFF VOLTAGE VOLTAGE CURRENT DIRECTIONAL VOLTAGE VBR (V) VBR (V) IT See Note 1 VRWM (V) MIN. @IT MAX. @IT (mA) SMCJ60(C) 60 66.7 84.5 1 SMCJ60(C)A 60 66.7 76.7 1 SMCJ64(C) 64 71.1 90.1 1 SMCJ64(C)A 64 71.1 81.8 1 SMCJ70(C) 70 77.8 98.6 1 SMCJ70(C)A 70 77.8 89.5 1 SMCJ75(C) 75 83.3 105.7 1 SMCJ75(C)A 75 83.3 95.8 1 SMCJ78(C) 78 86.7 109.8 1 SMCJ78(C)A 78 86.7 99.7 1 SMCJ85(C) 85 94.4 119.2 1 SMCJ85(C)A 85 94.4 108.2 1 SMCJ90(C) 90 100 126.5 1 SMCJ90(C)A 90 100 115.5 1 SMCJ100(C) 100 111 141.0 1 SMCJ100(C)A 100 111 128.0 1 SMCJ110(C) 110 122 154.5 1 SMCJ110(C)A 110 122 140.5 1 SMCJ120(C) 120 133 169.0 1 SMCJ120(C)A 120 133 153.0 1 SMCJ130(C) 130 144 182.5 1 SMCJ130(C)A 130 144 165.5 1 SMCJ150(C) 150 167 211.5 1 SMCJ150(C)A 150 167 192.5 1 SMCJ160(C) 160 178 226.0 1 SMCJ160(C)A 160 178 205.0 1 SMCJ170(C) 160 189 239.5 1 SMCJ170(C)A 170 189 217.5 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR(A) 14.0 5 15.5 5 13.2 5 14.6 5 12.0 5 13.3 5 11.2 5 12.4 5 10.8 5 11.4 5 9.9 5 10.4 5 9.4 5 10.3 5 8.4 5 9.3 5 7.7 5 8.4 5 7.0 5 7.9 5 6.5 5 7.2 5 5.6 5 6.2 5 5.2 5 5.8 5 4.9 5 5.5 5
MARKING CODE UNI BGH BGK BGL BGM BGN BGP BGQ BGR BGS BGT BGU BGV BGW BGX BGY BGZ BHD BHE BHF BHG BHH BHK BHL BHM BHN BHP BHQ BHR BI GGH GGK GGL GGM GGN GGP GGQ GGR GGS GGT GGU GGV GGW GGX GGY GGZ GHD GHE GHF GHG GHH GHK GHL GHM GHN GHP GHQ GHR
265


▲Up To Search▲   

 
Price & Availability of SMCJ50C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X